dimensions inches mm dim min max min max note a .090 .113 2.30 2.88 b .063 .071 1.60 1.80 c .045 .053 1.15 1.35 d .031 .049 0.80 1.24 e .010 .016 0.25 0.40 g .004 .018 0.10 0.45 h .004 .010 0.10 0.25 j ----- .006 ----- 0.15 features extremely low thermal resistance for surface mount application and high current capability higher temp soldering: 260 o c for 10 seconds at terminals maximum ratings operating temperature: -55 o c to +125 o c storage temperature: -55 o c to +150 o c maximum thermal resistance: 5 o c/w junction to lead electrical characteristics @ 25 o c unless otherwise specified average forward current i f(av) 0.5a t j =90 o c peak forward sur g e current i fsm 5 a 8.3ms half sine maximum instantaneous forward voltage v f i fm =0.5a t j =25 o c maximum dc reverse current at rated dc blockin g volta g e i r 0.3ma t a =25 o c typical junction capacitance c j 30pf measured at 1.0mhz, v r =4.0v mbrx05 20-tps01 0.5 amp schottky rectifier 20 volts a b e c j d h g sod323 0.022 0.074" 0.027 suggested solder pad layout www. mccsemi .com omponents 2 0736 marilla street chatsworth
m c c tm micro commercial components case material: molded plastic. ul flammability 1 of 4 maximum dc blocking voltage mcc part number maximum recurrent peak reverse v oltage maximum rms voltage classification rating 94v-0 and msl rating 1 lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering infor mation) revision: 1 2009/12/08 device marking power dissipation p d 250mw mbrx05 20-tps01 2 20v 14v 20 v 0. 45v
mbrx05 20-tps01 www. mccsemi .com tm micro commercial components 2 of 4 revision: 1 2009/12/08 figure 4 junction capacitance pf t j =25c 200 1 0.1 0.01 0.1 0.2 0.3 0.4 0.5 i f ,instantaneousforwardcurrent(amps ) t j =100 c 75 c 25 c ?25 c v f ,instantaneousforwardvoltage(volts) 1 0.1 t j =125c 75c 25c 40 c 0.01 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 v f , inst ant aneous vol t age (vol ts) 1 0.1 t j =125c 75c 25c 40 c 0.01 0.40 0.45 0.50 0.55 0.60 0.65 0.70 0.75 0.80 v f , inst ant aneous vol t age (vol ts) figure 1 typical forward characteristics figure 2 typical forward characteristics figure 3 typical forward characteristics m c c
mbrx05 20-tps01 average forward rectified current - amperes versus ambient temperature - c figure 5 forward derating curve 0 175 50 75 100 125 0 .2 .4 .6 single phase, half wave 60hz resistive or inductive load amps c 150 .8 1.0 1.2 1 100 4 0 2 4 6 8 figure 6 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 10 20 60 80 40 8 10 12 m c c www. mccsemi .com tm micro commercial components 3 of 4 revision: 1 2009/12/08
m c c tm micro commercial components www. mccsemi .com 4 of 4 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing mbrx05 20-tps01 tape&reel;3kpcs/reel revision: 1 2009/ 12/08 3
|